Part Number Hot Search : 
V120MA2S DTA124 LV3400M BUT56 SFD605G 0ACPZ MAX6342 MC68HC
Product Description
Full Text Search
 

To Download MBRF10U100CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMICONDUCTOR
TECHNICAL DATA
SWITCHING TYPE POWER SUPPLY APPLICATION. CONVERTER & CHOPPER APPLICATION. FEATURES
Average Output Rectified Current : IO=10A. Repetitive Peak Reverse Voltage : VRRM=100V. Low Forward Voltage. Low Reverse Current.
K
MBRF10U100CT
SCHOTTKY BARRIER TYPE DIODE
A
F
C
O
B
E
G
DIM
MILLIMETERS
L
M
J
R
D
MAXIMUM RATING (Ta=25
CHARACTERISTIC Repetitive Peak Reverse Voltage Average Output Rectified Current (Tc=110 ) (Note) Peak One Cycle Surge Forward Current (Non-Repetitive 60Hz) Junction Temperature Storage Temperature Range
)
SYMBOL VRRM IO IFSM Tj Tstg RATING 100 10 UNIT V
1
N
N
H
2
3
1. ANODE 2. CATHODE 3. ANODE
A
100 -40 150 -55 150
A
Q
A B C D E F G H J K L M N O Q R
_ 10.16 + 0.2 _ 15.87 + 0.2 _ 2.54 + 0.2 _ 0.8 + 0.1 _ 3.18 + 0.1 _ 3.3 + 0.1 _ 12.57 + 0.2 _ 0.5 + 0.1 _ 13.0 + 0.5 _ 3.23 + 0.1 1.47 MAX 1.47 MAX _ 2.54 + 0.2 _ 6.68 + 0.2 _ 4.7 + 0.2 _ 2.76 + 0.2
TO-220IS (1)
Note : average forward current of centertap full wave connection.
2
1
3
ELECTRICAL CHARACTERISTICS (Ta=25 )
CHARACTERISTIC Peak Forward Voltage Repetitive Peak Reverse Current Thermal Resistance Note : A value of one cell (Note) (Note) (Note) SYMBOL VFM IRRM Rth(j-c) IFM=5A VRRM=Rated Juction to Case TEST CONDITION MIN. TYP. 2 MAX. 0.85 150 3.5 UNIT V A /W
2008. 12. 2
Revision No : 0
1/2
MBRF10U100CT
IF - V F
REVERSE CURRENT IR (mA)
100 100 10 1 0.1 0.01 0.001 0 20 40
IR - V R
FORWARD CURRENT IF (A)
Tj =150 C Tj =125 C Tj =75 C
10
Tj =150 C Tj =25 C
1
Tj =25 C
0.1
0
0.2
0.4
0.6
0.8
1
0.0001
60
80
100
120
FORWARD VOLTAGE VF (V)
REVERSE VOLTAGE VR (V)
AVERAGE FORWARD CURRENT IF(AV) (A)
AVERAGE FORWARD CURRENT IF(AV) (A)
IF - TC
16
RATED VOLTAGE APPLIED R JC =3.5 C/W
IF - TA
16
RATED VOLTAGE APPLIED R JA =16 C/W R JA =60 C/W (NO HEAT SINK)
12
12
DC
8.0
8
DC
4.0
4
DC
0 100
110
120
130
140
150
0
0
40
80
120
160
CASE TEMPERATURE Tc ( C)
AMBIENT TEMPERATURE TA ( C)
AVERAGE FORWARD POWER DISSIPATION PF(AV) (W)
PF(AV) - IF(AV)
12 10 8.0 6.0 4.0 2.0 0 2.0
0
4.0
6.0
8.0
10
12
AVERAGE FORWARD CURRENT IF(AV) (A)
2008. 12. 2
Revision No : 0
2/2


▲Up To Search▲   

 
Price & Availability of MBRF10U100CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X